PART |
Description |
Maker |
PCA1604 PCA1604U PCA1604U_10 PCA1603 PCA1602 PCA16 |
5015 RR 4#8 PIN RECP Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-19 32 kHz watch circuits with EEPROM STEPPING MOTOR WATCH, UUC8 32 kHz watch circuits with EEPROM STEPPING MOTOR WATCH, PDFP8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PCA2000CX8_5 PCA2001CX8_5 PCA2000 PCA2000U_10AB PC |
32 kHz watch circuit with programmable adaptive motor pulse
|
NXP Semiconductors
|
PCA2002 PCA2002U_10AA PCA2002T PCA2002TK PCA2002U_ |
32 kHz watch circuit with programmable output period and pulse width
|
PHILIPS[Philips Semiconductors]
|
E1217X |
32-kHz Standard Watch CMOS ic
|
ATMEL Corporation
|
PCA167XSERIES PCA1673U/10/F2 PCA1675U/F2 |
32 kHz watch circuits using a silver-oxide or a 3 V lithium battery
|
Philips
|
LA4589W LA4589 |
XTAL, 32.768 KHZ SURFACE MOUNT WATCH CRYSTAL 1.5V的立体声耳机放大器和功率放大 1.5V STEREO HEADPHONE PREAMPLIFIER AND POWER AMPLIFIER
|
BI Technologies, Corp. Sanyo Semicon Device
|
AME8510AEEVAFE22 AME8510AEEVBFX23 AME8510AEEVCFX23 |
Threshold voltage: 2.19V; micropower uP watch dog timer Threshold voltage: 2.32V; micropower uP watch dog timer Threshold voltage: 2.63V; micropower uP watch dog timer Threshold voltage: 2.93V; micropower uP watch dog timer Threshold voltage: 4.63V; micropower uP watch dog timer Threshold voltage: 4.38V; micropower uP watch dog timer Threshold voltage: 3.08V; micropower uP watch dog timer
|
AME
|
CS8427-CZZ CS8427-DZZ CS8427-DZZR |
96 kHz Digital Audio Interface Transceiver Transmitters/Receivers/Transceivers IC 96 kHz Digital Audio Transceiver SPECIALTY CONSUMER CIRCUIT, PDSO28 96 kHz Digital Audio Interface Transceiver
|
http:// Cirrus Logic, Inc.
|
CS8427-DZ CS8427-CS CS8427-DS CS8427-CZ CS8427-CSZ |
XTAL MTL T/H HC49/US SPECIALTY CONSUMER CIRCUIT, PDSO28 96 kHz Digital Audio Interface Transceiver SPECIALTY CONSUMER CIRCUIT, PDSO28
|
Cirrus Logic, Inc.
|
EM1537 |
Low Power 32 kHz Circuit for Analog Quartz Watches
|
EM Microelectronic - MARIN SA
|
42050-910 42050 42050-055 42050-109 42050-128 4205 |
30V DC; 10A; positive voltage regulator. For use in general purpose applications 26V DC; 10A; positive voltage regulator. For use in general purpose applications 24V DC; 10A; positive voltage regulator. For use in general purpose applications 22V DC; 10A; positive voltage regulator. For use in general purpose applications 28V DC; 10A; positive voltage regulator. For use in general purpose applications POSITIVE VOLTAGE REGULATORS CRYSTAL 32.768KHZ 8PF CYLINDER XTAL MTL T/H 2X6 WATCH CRYSTAL 32.768KHZ 6PF SMD XTAL MTL T/H 3X8 WATCH XTAL CER SMT OTHER 5.0 AMP POSITIVE VOLTAGE REGULATOR XTAL SMT WATCH 8X4 4PAD 28 V FIXED POSITIVE REGULATOR, BFM2 XTAL SMT WATCH 10X4 4PAD 32 V FIXED POSITIVE REGULATOR, BFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc. MICROPAC INDUSTRIES INC
|